Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 131 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 127Page - Renesas Technology Corp H8S/20223 Datasheet HTML 128Page - Renesas Technology Corp H8S/20223 Datasheet HTML 129Page - Renesas Technology Corp H8S/20223 Datasheet HTML 130Page - Renesas Technology Corp H8S/20223 Datasheet HTML 131Page - Renesas Technology Corp H8S/20223 Datasheet HTML 132Page - Renesas Technology Corp H8S/20223 Datasheet HTML 133Page - Renesas Technology Corp H8S/20223 Datasheet HTML 134Page - Renesas Technology Corp H8S/20223 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 105 of 962
REJ09B0465-0100
4.6.5
Changing PMR, ISCRH, ISCRL and INCCR
When the PMR, ISCRH, ISCRL, and INCCR are modified to change an IRQ7 to IRQ0 interrupt
function, the interrupt request flag bit may be set to 1 at an unintended time. To prevent this, the
pin function should be changed when the interrupt request is disabled, then the interrupt request
flag should be cleared to 0 after a specific interval time*.
Figure 4.7 shows the procedure to modify PMR (port mode register), ISCRH, ISCRL, and INCCR
and clear the interrupt request flags.
Note:
Two states
+ a minimum interval for input (t
IH/tIL)
Set I bit in CCR
to 1.
Clear I bit in CCR
to 0.
Wait for a specific
period.
Clear interrupt request
flag to 0.
Modify PMR, ISCRH,
ISCRL, and INCCR.
The interrupt is disabled.
(Interrupts can also be
disabled by setting IER.)
The Interrupt is enabled.
After setting each register,
the interrupt request flag
should be cleared to 0 after
waiting for a specific period.
Figure 4.7 Procedure to Modify PMR, ISCRH, ISCRL, and INCCR and Clear Interrupt
Request Flag
4.6.6
IRQ Status Register (ISR)
Depending on the pin state after a reset, IRQnF may be set to 1. Therefore, always read ISR and
clear it to 0 after resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com