Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 137 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 133Page - Renesas Technology Corp H8S/20223 Datasheet HTML 134Page - Renesas Technology Corp H8S/20223 Datasheet HTML 135Page - Renesas Technology Corp H8S/20223 Datasheet HTML 136Page - Renesas Technology Corp H8S/20223 Datasheet HTML 137Page - Renesas Technology Corp H8S/20223 Datasheet HTML 138Page - Renesas Technology Corp H8S/20223 Datasheet HTML 139Page - Renesas Technology Corp H8S/20223 Datasheet HTML 140Page - Renesas Technology Corp H8S/20223 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 111 of 962
REJ09B0465-0100
5.2.1
Backup Control Register (BACKR)
b7
WI
1
b6
WE
0
b5
OSCBAKE
0
b4
BAKCKSEL
0
b3
CKSWIE
0
b2
CKSWIF
0
b1
OSCHLT
0
b0
0
H'FF06D4
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
WI
Write inhibit
0: Writing is permitted.
1: Writing is inhibited.
W
6
WE
Write enable
0: Writing is disabled.
1: Writing is enabled.
[Setting condition]
When 0 is written to WI and 1 is written to WE at the
same time.
[Clearing condition]
When 0 is written to WI and WE at the same time.
R/W
5
OSCBAKE
External clock
backup enable
0: External clock backup is disabled.
1: External clock backup is enabled.
R/W
4
BAKCKSEL Backup
destination clock
source select
0:
φlow
1:
φhoco
R/W
3
CKSWIE
Clock switching
interrupt enable
0: Interrupt requests are disabled.
1: Interrupt requests are enabled.
R/W
2
CKSWIF
Clock switching
interrupt flag
0: A clock switching interrupt request has not been
generated.
1: A clock switching interrupt request has been
generated.
[Setting condition]
When the system clock for the LSI is switched from
φosc to φhoco or φlow while OSCBAKE is 1.
[Clearing condition]
When 1 is read from the bit and then 0 is written to
the same bit.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com