Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 134 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 130Page - Renesas Technology Corp H8S/20223 Datasheet HTML 131Page - Renesas Technology Corp H8S/20223 Datasheet HTML 132Page - Renesas Technology Corp H8S/20223 Datasheet HTML 133Page - Renesas Technology Corp H8S/20223 Datasheet HTML 134Page - Renesas Technology Corp H8S/20223 Datasheet HTML 135Page - Renesas Technology Corp H8S/20223 Datasheet HTML 136Page - Renesas Technology Corp H8S/20223 Datasheet HTML 137Page - Renesas Technology Corp H8S/20223 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 108 of 962
REJ09B0465-0100
5.1
Overview
• Choice of four clock sources:
φloco, φsub, φhoco and φosc
• Choice of two frequencies of the high-speed OCO by the user software:
40 MHz and 32 MHz
The signal generated by dividing the above clock by 2 can be used as a
φbase and the above
clock can be used as the clock source for timer RA, timer RC, timer RD, and timer RG.
• Trimmable high-speed OCO oscillation frequencies
Although the high-speed OCO is trimmed to 40 MHz in its initial state, it can also be trimmed
to accommodate specific user operation conditions.
• Main oscillation backup function
By detecting a
φosc stop, it is possible to automatically switch the system clock to either φhoco
or
φlow.
• Clock switching interrupt function
When the system clock is switched from
φosc to φhoco or φloco, a CPU interrupt can be
generated if enabled.
Figure 5.1 shows a block diagram of the clock pulse generation circuit.
Peripheral
module
CPU
DTC
internal
memory
φs
φ
φ
φ/2
φbase
φbase
φhigh
φlow
φsub
φloco
φhoco
φ40
φosc
φbase/2
φbase/4
φbase/8
φbase/16
φbase/32
φbase/64
φbase/128
φ
φ/2
φ/8192
φ/4
φ/4
φ/8
φ/16
φ/32
φs
divider
PSC
divider
To WDT
To WDT, timer RA, and timer RE
.
.
.
System
clock
divider
To timers RA, RC, RD, and RG
High-speed/
low-speed
clock select
circuit
High-
speed
clock
select
circuit
Low-
speed
clock
select
circuit
Duty
correction
circuit
Noise
canceller
Sub-
clock
oscillator
Low-
speed
OCO
High-
speed
OCO
Clock pulse generator
X1
X2
OSC1
OSC2
Main
clock
oscillator
1/2
divider
Clock select circuit
Figure 5.1 Block Diagram of Clock Pulse Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com