Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 169 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 169 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 165Page - Renesas Technology Corp H8S/20223 Datasheet HTML 166Page - Renesas Technology Corp H8S/20223 Datasheet HTML 167Page - Renesas Technology Corp H8S/20223 Datasheet HTML 168Page - Renesas Technology Corp H8S/20223 Datasheet HTML 169Page - Renesas Technology Corp H8S/20223 Datasheet HTML 170Page - Renesas Technology Corp H8S/20223 Datasheet HTML 171Page - Renesas Technology Corp H8S/20223 Datasheet HTML 172Page - Renesas Technology Corp H8S/20223 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 143 of 962
REJ09B0465-0100
5.5.2
Connecting Ceramic Resonator
Figure 5.18 shows an example of connecting a ceramic resonator. A damping resistor Rd should
be added, if necessary. Since the resistor values vary depending on the resonator, use values
recommended by the resonator manufacturer.
C
1
C
2
PJ0/OSC1
PJ1/OSC2/CLKOUT
C
1 = C2 = 5 to 30 pF
Rd
Figure 5.18 Example of Connection to Ceramic Resonator
5.5.3
External Clock Input Method
To use the external clock, input the external clock on pin OSC1. Figure 5.19 shows an example of
connection. The duty cycle of the external clock signal must be 45 to 55%.
PJ0/OSC1
PJ1/OSC2/CLKOUT
External clock input
Open
Figure 5.19 Example of External Clock Input
Note:
To input the external clock, set the PMRJ[1:0] bits to 01. Do not input the external clock
while PMRJ[1:0] bits are set to 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com