Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 173 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 169Page - Renesas Technology Corp H8S/20223 Datasheet HTML 170Page - Renesas Technology Corp H8S/20223 Datasheet HTML 171Page - Renesas Technology Corp H8S/20223 Datasheet HTML 172Page - Renesas Technology Corp H8S/20223 Datasheet HTML 173Page - Renesas Technology Corp H8S/20223 Datasheet HTML 174Page - Renesas Technology Corp H8S/20223 Datasheet HTML 175Page - Renesas Technology Corp H8S/20223 Datasheet HTML 176Page - Renesas Technology Corp H8S/20223 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 992 page
background image
Section 6 Power-Down Modes
Rev. 1.00 Oct. 03, 2008 Page 147 of 962
REJ09B0465-0100
Section 6 Power-Down Modes
In addition to normal active mode, this LSI can enter either of the two power-down modes after
release from a reset, in which power consumption is reduced. As other measures for reduced
power consumption, this LSI also has a bus-master-clock division function for the low-speed-
operation of bus masters, module standby function which allows the selective stopping of on-chip
peripheral modules, and a PSC-divider stopping function. Further power consumption is possible
by selecting the low-speed on-chip oscillator clock
φloco, or sub-oscillator clock φsub as the
source of the system clock
φ to operate the LSI at a low speed. After release from a reset, all of the
peripheral functions except timer RE are in the module standby state. Make the settings for the
operation of module in the corresponding registers after the module standby state is released.
• Active Mode
The CPU and on-chip peripheral modules operate on the system clock
φ. The system clock
frequency can be selected from among
φbase to φbase/128, where φbase is the system base
clock.
• Sleep Mode
The CPU is stopped. On-chip peripheral modules operate on the system clock
φ.
• Standby Mode
The CPU and all the on-chip peripheral modules are stopped. However, timer RE (TMRE) can
operate when the realtime clock mode is selected. The watchdog timer (WDT) also operates
when the low-speed OCO is selected as the WDT clock source.
• Bus Master Clock Division Function
For the bus masters CPU and DTC, ROM, and RAM, the operating clock
φs can be divided
independently of the clock supplied to the peripheral modules. The bus master clock
φs can be
selected from among
φ to φ/32.
• PSC Divider Stop Function
The PSC divider can be stopped through software setting. Specifically, the peripheral modules
using
φ/2 to φ/8192 are stopped (register values are retained), whereas the ones using φ remain
operating.
• Module Standby Function
Power consumption can be reduced by halting individual on-chip peripheral modules that are
not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com