Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 208 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 204Page - Renesas Technology Corp H8S/20223 Datasheet HTML 205Page - Renesas Technology Corp H8S/20223 Datasheet HTML 206Page - Renesas Technology Corp H8S/20223 Datasheet HTML 207Page - Renesas Technology Corp H8S/20223 Datasheet HTML 208Page - Renesas Technology Corp H8S/20223 Datasheet HTML 209Page - Renesas Technology Corp H8S/20223 Datasheet HTML 210Page - Renesas Technology Corp H8S/20223 Datasheet HTML 211Page - Renesas Technology Corp H8S/20223 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 182 of 962
REJ09B0465-0100
(1) Bit-Rate Adjustment State
In the bit-rate adjustment state, the boot program measures the low-level period of H'00
transmitted from the host and calculates the bit rate according to the measurement. The bit rate can
be changed using the new-bit-rate selection command. On completion of bit rate adjustment, the
boot program enters the inquiry/selection state. Figure 7.7 shows the sequence of bit rate
adjustment.
Host
Boot program
H'00 (30 times max.)
H'E6 (Response)
Measures the length
of one bit.
H'00 (Adjustment completed)
H'55
H'FF (Error)
Figure 7.7 Sequence of Bit Rate Adjustment
(2) Communication Protocol
1. One-character command or one-character response
A command or response consisting of one character used for inquiry or ACK code indicating a
successful end.
2. n-character command or n-character response
A command or response requiring 128 bytes of data used as a selection command or a response
to an inquiry. The length of programming data is defined separately and so data size (length) is
omitted here.
3. Error response
Response to a command which has caused an error; two bytes, consisting of the error response
and error code.
4. 128-byte programming command
This command does not include its data size information. The data size can be acquired from
the response to the programming-size inquiry command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com