| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20223 Datasheet(PDF) 210 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20223 Datasheet(HTML) 210 Page - Renesas Technology Corp |
|
210 / 992 page ![]() Section 7 ROM Rev. 1.00 Oct. 03, 2008 Page 184 of 962 REJ09B0465-0100 (3) Inquiry/Selection State In this state, the boot program returns the information on the flash ROM in response to inquiry commands from the host, and selects the device, clock mode, and bit rate in response to the relevant selection commands. Table 7.5 lists inquiry/selection commands. Table 7.5 Inquiry/Selection Commands Command Command Name Function H'20 Supported-device inquiry Inquires about the device code and product name. H'10 Device selection Selects the device (code). H'21 Clock mode inquiry Inquires about the number of selectable clock modes and each clock mode's value. H'11 Clock mode selection Selects the clock mode. H'22 Frequency-division-ratio inquiry Inquires about the number of frequency types, the number of frequency division ratios, and the specific frequency division ratio values. H'23 Operating-frequency inquiry Inquires about the maximum and minimum operating frequencies for the main and peripheral clocks. H'25 User-ROM-area information inquiry Inquires about the number of user ROM areas and first and last addresses of each MAT area. H'26 Erasure-block information inquiry Inquires about the number of blocks and first and last addresses of each block H'27 Programming-size inquiry Inquires about the size of a unit for programming. H'3F New bit-rate selection Selects the new bit rate. H'40 Transition-to-programming/erasure state Erases the user ROM areas and enters the programming/erasure state. H'4F Boot-program state inquiry Inquires about the processing state of the boot program. The selection commands should be transmitted from the host in the following order: device selection (H'10), clock mode selection (H'11), and new bit-rate selection (H'3F). If the same selection command is transmitted more than one time, the last one is valid. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |