Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 259 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 255Page - Renesas Technology Corp H8S/20223 Datasheet HTML 256Page - Renesas Technology Corp H8S/20223 Datasheet HTML 257Page - Renesas Technology Corp H8S/20223 Datasheet HTML 258Page - Renesas Technology Corp H8S/20223 Datasheet HTML 259Page - Renesas Technology Corp H8S/20223 Datasheet HTML 260Page - Renesas Technology Corp H8S/20223 Datasheet HTML 261Page - Renesas Technology Corp H8S/20223 Datasheet HTML 262Page - Renesas Technology Corp H8S/20223 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 233 of 962
REJ09B0465-0100
Section 9 Peripheral I/O Mapping Controller
The peripheral function mapping controller (PMC) is composed of registers that are used to select
the functions of multiplexed pins. The multiplexed pins are divided into two groups: group 1 and
group 2. Group 1 consists of ports 1 to 3, 5, and 6, and group 2 consists of ports 8, 9*, and A.
Tables 9.1 and 9.2 list the functions of the multiplexed pins in each group.
Note: Port 9 is not available on the H8S/20103 group.
Table 9.1
Multiplexed Pin Functions (Ports 1, 2, 3, 5, and 6)
Group 1
Pin
Name
Function 1
Function 2
Function 3
Function 4
Function 5
Function 6
Pm7
IRQ7 input
TXD_2 output TXD_3 output SCL/SSI
input/output
FTIOD1
input/output
ADTRG2
input
Pm6
IRQ6 input
RXD_2 input
RXD_3 input
SDA/
SCS
input/output
FTIOC1
input/output
ADTRG1
input
Pm5
IRQ5 input
SCK3_2
input/output
SCK3_3
input/output
SSCK
input/output
FTIOB1
input/output
TRDOI_1
input
Pm4
IRQ4 input
TRDOI_0
input
FTCI input*
SSO
input/output
FTIOA1
input/output
TRAIO
input/output
Pm3
IRQ3 input
TRCOI input* FTIOD
input/output*
TGIOB
input/output
FTIOD0
input/output
TRAO output
Pm2
IRQ2 input
TXD output
FTIOC
input/output*
TGIOA
input/output
FTIOC0
input/output
TRBO output
Pm1
IRQ1 input
RXD input
FTIOB
input/output*
TCLKB input
FTIOB0
input/output
TRGB input
Port 1
Port 2
Port 3
Port 5
Port 6
Pm0
IRQ0 input
SCK3
input/output
FTIOA
input/output*
TCLKA input
FTIOA0
input/output
TREO output
Initially mapped port
Port 1
Port 2
Port 3
Port 5
Port 6
None
[Legend]
m = 1, 2, 3, 5 and 6
Note:
The timer RC is not available on the H8S/20203 and H8S/20223 groups; therefore, the
function cannot be selected for these groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com