Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20223 Datasheet(PDF) 262 Page - Renesas Technology Corp

No. de pieza H8S/20223
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20223 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button H8S/20223 Datasheet HTML 258Page - Renesas Technology Corp H8S/20223 Datasheet HTML 259Page - Renesas Technology Corp H8S/20223 Datasheet HTML 260Page - Renesas Technology Corp H8S/20223 Datasheet HTML 261Page - Renesas Technology Corp H8S/20223 Datasheet HTML 262Page - Renesas Technology Corp H8S/20223 Datasheet HTML 263Page - Renesas Technology Corp H8S/20223 Datasheet HTML 264Page - Renesas Technology Corp H8S/20223 Datasheet HTML 265Page - Renesas Technology Corp H8S/20223 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 992 page
background image
Section 9 Peripheral I/O Mapping Controller
Rev. 1.00 Oct. 03, 2008 Page 236 of 962
REJ09B0465-0100
9.1.1
Peripheral Function Mapping Register Write-Protect Register (PMCWPR)
b7
B0WI
1
b6
PMCRWE
0
b5
0
b4
0
b3
0
b2
0
b1
0
b0
0
H'FF0065
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
B0WI
Bit 6 write
protect
0: Writing to PMCRWE (bit 6 in this register) is
enabled.
1: Writing to the PMCRWE bit is disabled.
W
6
PMCRWE
PMCR write
enable
0: Writing to PMCR is disabled.
1: Writing to PMCR is enabled.
R/W
5 to 0
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
A MOV instruction should be used to rewrite this register.
• B0WI bit (Bit 6 write protect)
Only when the write value to this bit is 0, PMCRWE (bit 6 in this register) can be modified.
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com