Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 367 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 363Page - Renesas Technology Corp H8S/2437 Datasheet HTML 364Page - Renesas Technology Corp H8S/2437 Datasheet HTML 365Page - Renesas Technology Corp H8S/2437 Datasheet HTML 366Page - Renesas Technology Corp H8S/2437 Datasheet HTML 367Page - Renesas Technology Corp H8S/2437 Datasheet HTML 368Page - Renesas Technology Corp H8S/2437 Datasheet HTML 369Page - Renesas Technology Corp H8S/2437 Datasheet HTML 370Page - Renesas Technology Corp H8S/2437 Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 746 page
background image
Rev. 1.00, 09/03, page 329 of 704
TCNT value
TGR
H'0000
CST bit
TGF
Time
Counter cleared by TGR
compare match
Flag cleared by software or
DMAC activation
Figure 12.8 Periodic Counter Operation
Waveform Output by Compare Match:
The TPU can perform 0, 1, or toggle output from the corresponding output pin using compare
match.
• Example of Setting Procedure for Waveform Output by Compare Match
Figure 12.9 shows an example of the setting procedure for waveform output by compare
match.
Output selection
Select waveform output mode
Set output timing
Start count operation
<Waveform output>
Select 0 output or 1 output for the initial value, and
0 output, 1 output, or toggle output for the compare
match output value, by means of TIOR. The
set initial value is output at the TIOC pin until the
first compare match occurs.
Set the timing for compare match generation in
TGR.
Set the CST bit in TSTR to 1 to start the count
operation.
[1]
[1]
[2]
[2]
[3]
[3]
Figure 12.9 Example of Setting Procedure for Waveform Output by Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com