Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 363 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 359Page - Renesas Technology Corp H8S/2437 Datasheet HTML 360Page - Renesas Technology Corp H8S/2437 Datasheet HTML 361Page - Renesas Technology Corp H8S/2437 Datasheet HTML 362Page - Renesas Technology Corp H8S/2437 Datasheet HTML 363Page - Renesas Technology Corp H8S/2437 Datasheet HTML 364Page - Renesas Technology Corp H8S/2437 Datasheet HTML 365Page - Renesas Technology Corp H8S/2437 Datasheet HTML 366Page - Renesas Technology Corp H8S/2437 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 746 page
background image
Rev. 1.00, 09/03, page 325 of 704
12.4
Interface to Bus Master
12.4.1
16-Bit Registers
TCNT and TGR are 16-bit registers. As the data bus to the bus master is 16 bits wide, these
registers can be read from or written to in 16-bit units.
These registers cannot be read from or written to in 8-bit units; 16-bit access must always be used.
An example of 16-bit register access operation is shown in figure 12.2.
H
L
TCNTH
TCNTL
Internal data bus
Bus interface
Module
data bus
Bus
master
Figure 12.2 16-Bit Register Access Operation [Bus Master
↔
↔
↔
↔ TCNT (16 Bits)]
12.4.2
8-Bit Registers
Registers other than TCNT and TGR are 8 bits. As the data bus to the bus master is 16 bits wide,
these registers can be read from or written to in 16-bit units. They can also be read from or written
to in 8-bit units.
Examples of 8-bit register access operation are shown in figures 12.3, 12.4, and 12.5.
H
L
TCR
Internal data bus
Bus interface
Module
data bus
Bus
master
Figure 12.3 8-Bit Register Access Operation [Bus Master
↔
↔
↔
↔ TCR (Upper 8 Bits)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com