Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 368 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 364Page - Renesas Technology Corp H8S/2437 Datasheet HTML 365Page - Renesas Technology Corp H8S/2437 Datasheet HTML 366Page - Renesas Technology Corp H8S/2437 Datasheet HTML 367Page - Renesas Technology Corp H8S/2437 Datasheet HTML 368Page - Renesas Technology Corp H8S/2437 Datasheet HTML 369Page - Renesas Technology Corp H8S/2437 Datasheet HTML 370Page - Renesas Technology Corp H8S/2437 Datasheet HTML 371Page - Renesas Technology Corp H8S/2437 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 746 page
background image
Rev. 1.00, 09/03, page 330 of 704
• Examples of Waveform Output Operation
Figure 12.10 shows an example of 0 output/1 output.
In this example TCNT has been designated as a free-running counter, and settings have been
made so that 1 is output by compare match A, and 0 is output by compare match B. When the
set level matches the pin level, the pin level does not change.
TCNT value
H'FFFF
H'0000
TIOCA
TIOCB
Time
TGRA
TGRB
No change
No change
No change
No change
1 output
0 output
Figure 12.10 Example of 0 Output/1 Output Operation
Figure 12.11 shows an example of toggle output.
In this example TCNT has been designated as a periodic counter (with counter clearing
performed by compare match B), and settings have been made so that output is toggled by both
compare match A and compare match B.
TCNT value
H'FFFF
H'0000
TIOCB
TIOCA
Time
TGRB
TGRA
Toggle output
Toggle output
Counter cleared by TGRB compare match
Figure 12.11 Example of Toggle Output Operation
Input Capture Function:
The TCNT value can be transferred to TGR on detection of the TIOC pin input edge. Rising edge,
falling edge, or both edges can be selected as the detected edge.
Note:
When another channel’s counter input clock is used as the input capture input for channel
0,
φ/1 should not be selected as the counter input clock used for input capture input. Input
capture will not be generated if
φ/1 is selected. Another channel’s counter input clock or
compare-match signal can be used as the input capture source for channels 0 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com