Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 372 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 368Page - Renesas Technology Corp H8S/2437 Datasheet HTML 369Page - Renesas Technology Corp H8S/2437 Datasheet HTML 370Page - Renesas Technology Corp H8S/2437 Datasheet HTML 371Page - Renesas Technology Corp H8S/2437 Datasheet HTML 372Page - Renesas Technology Corp H8S/2437 Datasheet HTML 373Page - Renesas Technology Corp H8S/2437 Datasheet HTML 374Page - Renesas Technology Corp H8S/2437 Datasheet HTML 375Page - Renesas Technology Corp H8S/2437 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 746 page
background image
Rev. 1.00, 09/03, page 334 of 704
12.5.3
Buffer Operation
Buffer operation, provided for channel 0, enables TGRC and TGRD to be used as buffer registers.
Buffer operation differs depending on whether TGR has been designated as an input capture
register or as a compare match register. Table 12.17 shows the register combinations used in
buffer operation.
Table 12.17 Register Combinations in Buffer Operation
Channel
Timer General Register
Buffer Register
0
TGRA_0
TGRC_0
TGRB_0
TGRD_0
• When TGR is an output compare register
When a compare match occurs, the value in the buffer register for the corresponding channel is
transferred to the timer general register. This operation is illustrated in figure 12.16.
Buffer register
Timer general
register
TCNT
Comparator
Compare match signal
Figure 12.16 Compare Match Buffer Operation
• When TGR is an input capture register
When input capture occurs, the value in TCNT is transferred to TGR and the value previously
stored in the timer general register is transferred to the buffer register. This operation is
illustrated in figure 12.17.
Buffer register
Timer general
register
TCNT
Input capture
signal
Figure 12.17 Input Capture Buffer Operation
Example of Buffer Operation Setting Procedure:
Figure 12.18 shows an example of the buffer operation setting procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com