| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 375 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 375 Page - Renesas Technology Corp |
|
375 / 746 page ![]() Rev. 1.00, 09/03, page 337 of 704 12.5.4 Cascaded Operation In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit counter. This function works by counting the channel 1 counter clock at overflow/underflow of TCNT_2 as set in bits TPSC2 to TPSC0 in TCR. Underflow occurs only when the lower 16-bit TCNT is in phase counting mode. Table 12.18 shows the register combinations used in cascaded operation. Note: When phase counting mode is set for channel 1, the counter clock setting is invalid and the counter operates independently in phase counting mode. Table 12.18 Cascaded Combinations Combination Upper 16 Bits Lower 16 Bits Channels 1 and 2 TCNT_1 TCNT_2 Example of Cascaded Operation Setting Procedure: Figure 12.21 shows an example of the setting procedure for cascaded operation. Cascaded operation Set cascading Start counting <Cascaded operation> Set bits TPSC2 to TPSC0 in the channel 1 TCR to B'111 to select TCNT_2 overflow/underflow counting. Set the CST bit in TSTR for the upper and lower channel to 1 to start the count operation. [1] [2] [1] [2] Figure 12.21 Cascaded Operation Setting Procedure Examples of Cascaded Operation: Figure 12.22 illustrates the operation when counting upon TCNT_2 overflow/underflow has been set for TCNT_1, TGRA_1 and TGRA_2 have been designated as input capture registers, and the TIOC pin rising edge has been selected. When a rising edge is input to the TIOCA1 and TIOCA2 pins simultaneously, the upper 16 bits of the 32-bit data are transferred to TGRA_1, and the lower 16 bits to TGRA_2. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |