Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 381 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 377Page - Renesas Technology Corp H8S/2437 Datasheet HTML 378Page - Renesas Technology Corp H8S/2437 Datasheet HTML 379Page - Renesas Technology Corp H8S/2437 Datasheet HTML 380Page - Renesas Technology Corp H8S/2437 Datasheet HTML 381Page - Renesas Technology Corp H8S/2437 Datasheet HTML 382Page - Renesas Technology Corp H8S/2437 Datasheet HTML 383Page - Renesas Technology Corp H8S/2437 Datasheet HTML 384Page - Renesas Technology Corp H8S/2437 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 746 page
background image
Rev. 1.00, 09/03, page 343 of 704
12.5.6
Phase Counting Mode
In phase counting mode, the phase difference between two external clock inputs is detected and
TCNT is incremented/decremented accordingly. This mode can be set for channels 1 and 2.
When phase counting mode is set, an external clock is selected as the counter input clock and
TCNT operates as an up/down-counter regardless of the settings of bits TPSC2 to TPSC0 and bits
CKEG1 and CKEG0 in TCR. However, since the functions of bits CCLR1 and CCLR0 in TCR,
and of TIOR, TIER, and TGR are valid, and input capture/compare match and interrupt functions
can be used.
When an overflow occurs while TCNT is counting up, the TCFV flag in TSR is set; when an
underflow occurs while TCNT is counting down, the TCFU flag is set.
The TCFD bit in TSR is the count direction flag. Reading the TCFD flag provides an indication of
whether TCNT is counting up or down.
Table 12.20 shows the correspondence between external clock pins and channels.
Table 12.20 Clock Input Pins for Phase Counting Mode
External Clock Pins
Channels
A-Phase
B-Phase
When channel 1 is set to phase counting mode
TCLKA
TCLKB
When channel 2 is set to phase counting mode
TCLKC
TCLKD
Example of Setting Procedure for Phase Counting Mode:
Figure 12.28 shows an example of the setting procedure for phase counting mode.
Phase counting mode
Select phase counting mode
Start counting
<Phase counting mode>
Select phase counting mode with bits MD3 to
MD0 in TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
[1]
[2]
[1]
[2]
Figure 12.28 Example of Setting Procedure for Phase Counting Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com