Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 377 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 373Page - Renesas Technology Corp H8S/2437 Datasheet HTML 374Page - Renesas Technology Corp H8S/2437 Datasheet HTML 375Page - Renesas Technology Corp H8S/2437 Datasheet HTML 376Page - Renesas Technology Corp H8S/2437 Datasheet HTML 377Page - Renesas Technology Corp H8S/2437 Datasheet HTML 378Page - Renesas Technology Corp H8S/2437 Datasheet HTML 379Page - Renesas Technology Corp H8S/2437 Datasheet HTML 380Page - Renesas Technology Corp H8S/2437 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 746 page
background image
Rev. 1.00, 09/03, page 339 of 704
PWM Mode 1:
PWM output is generated from the TIOCA and TIOCC pins by pairing TGRA with TGRB and
TGRC with TGRD. The value specified by bits IOA3 to IOA0 and IOC3 to IOC0 in TIOR is
output from the TIOCA and TIOCC pins at compare matches A and C, and the value specified by
bits IOB3 to IOB0 and IOD3 to IOD0 in TIOR is output at compare matches B and D. The initial
output value is the value set in TGRA or TGRC. When the set values of paired TGRs are identical,
the output value does not change even if a compare match occurs.
In PWM mode 1, a maximum 4-phase PWM output is possible.
PWM Mode 2:
PWM output is generated using one TGR as the periodic register and the others as duty registers.
The value specified in TIOR is output by means of compare matches. Upon counter clearing by a
synchronous register compare match, the output value of each pin is the initial value set in TIOR.
When the set values of the periodic and duty registers are identical, the output value does not
change even if a compare match occurs.
In PWM mode 2, a maximum 7-phase PWM output is possible by combined use with synchronous
operation.
The correspondence between PWM output pins and registers is shown in table 12.19.
Table 12.19 PWM Output Registers and Output Pins
Output Pins
Channel
Registers
PWM Mode 1
PWM Mode 2
TGRA_0
TIOCA0
TGRB_0
TIOCA0
TIOCB0
TGRC_0
TIOCC0
0
TGRD_0
TIOCC0
TIOCD0
TGRA_1
TIOCA1
1
TGRB_1
TIOCA1
TIOCB1
TGRA_2
TIOCA2
2
TGRB_2
TIOCA2
TIOCB2
Note:
In PWM mode 2, PWM output is not possible for TGR in which the period is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com