Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 378 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 374Page - Renesas Technology Corp H8S/2437 Datasheet HTML 375Page - Renesas Technology Corp H8S/2437 Datasheet HTML 376Page - Renesas Technology Corp H8S/2437 Datasheet HTML 377Page - Renesas Technology Corp H8S/2437 Datasheet HTML 378Page - Renesas Technology Corp H8S/2437 Datasheet HTML 379Page - Renesas Technology Corp H8S/2437 Datasheet HTML 380Page - Renesas Technology Corp H8S/2437 Datasheet HTML 381Page - Renesas Technology Corp H8S/2437 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 746 page
background image
Rev. 1.00, 09/03, page 340 of 704
• Example of PWM Mode Setting Procedure
Figure 12.24 shows an example of the PWM mode setting procedure.
PWM mode
Select counter clock
Select counter clearing source
Select waveform output level
Set TGR
Set PWM mode
Start counting
<PWM mode>
Select the counter clock with bits TPSC2 to
TPSC0 in TCR. At the same time, select the
input clock edge with bits CKEG1 and CKEG0
in TCR.
Use bits CCLR2 to CCLR0 in TCR to select the
TGR to be used as the TCNT clearing source.
Use TIOR to designate the TGR as an output
compare register, and select the initial value and
output value.
Set the period in the TGR selected in [2], and set
the duty in the other TGR.
Select the PWM mode with bits MD3 to MD0 in
TMDR.
Set the CST bit in TSTR to 1 to start the count
operation.
[1]
[2]
[3]
[4]
[5]
[6]
[1]
[2]
[3]
[4]
[5]
[6]
Figure 12.24 Example of PWM Mode Setting Procedure
• Examples of PWM Mode Operation
Figure 12.25 shows an example of PWM mode 1 operation.
In this example, TGRA compare match is set as the TCNT clearing source, 0 is set for the
TGRA initial output value and output value, and 1 is set as the TGRB output value. In this
case, the value set in TGRA is used as the period, and the value set in TGRB as the duty.
TCNT value
TGRA
H'0000
TIOCA
Time
TGRB
Counter cleared by
TGRA compare match
Figure 12.25 Example of PWM Mode Operation (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com