Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 419 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 415Page - Renesas Technology Corp H8S/2437 Datasheet HTML 416Page - Renesas Technology Corp H8S/2437 Datasheet HTML 417Page - Renesas Technology Corp H8S/2437 Datasheet HTML 418Page - Renesas Technology Corp H8S/2437 Datasheet HTML 419Page - Renesas Technology Corp H8S/2437 Datasheet HTML 420Page - Renesas Technology Corp H8S/2437 Datasheet HTML 421Page - Renesas Technology Corp H8S/2437 Datasheet HTML 422Page - Renesas Technology Corp H8S/2437 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 746 page
background image
Rev. 1.00, 09/03, page 381 of 704
Table 13.5
Examples of TCR Settings
Bit
Abbreviation
Contents
Description
7
CMIEB
0
6
CMIEA
0
5
OVIE
0
Interrupts due to a compare-match and overflow are
disabled
4, 3
CCLR1, CCLR0
11
TCNT is cleared by the rising edge of the external
reset signal (IHI signal)
2 to 0
CKS2 to CKS0
001
Internal clock: Incremented on
φ
Table 13.6
Examples of TCORB (Pulse Width Threshold) Settings
φφφφ: 10 MHz
φφφφ: 12 MHz
φφφφ: 16 MHz
φφφφ: 20 MHz
H'07
0.8 µs
0.67 µs
0.5 µs
0.4 µs
H'0F
1.6 µs
1.33 µs
1 µs
0.8 µs
H'1F
3.2 µs
2.67 µs
2 µs
1.6 µs
H'3F
6.4 µs
5.33 µs
4 µs
3.2 µs
H'7F
12.8 µs
10.67 µs
8 µs
6.4 µs
IHI signal
IHI signal is tested
at compare-match
Counter reset
caused by
IHI signal
Counter clear
caused by
TCNT overflow
At the 2nd compare-match,
IHI signal is not tested
PDC signal
TCNT
TCORB
(threshold)
Figure 13.4 Timing Chart for PWM Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com