| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 434 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 434 Page - Renesas Technology Corp |
|
434 / 746 page ![]() Rev. 1.00, 09/03, page 396 of 704 13.4.7 HSYNCO Output With the HSYNCO output, the meaning of the signal source to be selected and use or non-use of modification varies according to the IHI signal source and the waveform required by an external circuitry. The HSYNCO output modes are shown in table 13.11. Table 13.11 HSYNCO Output Modes Mode IHI Signal IHO Signal Meaning of IHO Signal IHI signal (without 2fH modification) HFBACKI input is output directly IHI signal (with 2fH modification) Meaningless unless there is a double-frequency part in the HFBACKI input CL1 signal 1 interval of HFBACKI input is changed before output No signal HFBACKI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) CSYNCI input (composite synchronization signal) is output directly IHI signal (with 2fH modification) Double-frequency part of CSYNCI input (composite synchronization signal) is eliminated before output CL1 signal Horizontal synchronization signal part of CSYNCI input (composite synchronization signal) is separated before output S-on-G mode CSYNCI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) HSYNCI input (composite synchronization signal) is output directly IHI signal (with 2fH modification) Double-frequency part of HSYNCI input (composite synchronization signal) is eliminated before output CL1 signal Horizontal synchronization signal part of HSYNCI input (composite synchronization signal) is separated before output Composite mode HSYNCI input IHG signal Internal synchronization signal is output IHI signal (without 2fH modification) HSYNCI input (horizontal synchronization signal) is output directly IHI signal (with 2fH modification) Meaningless unless there is a double-frequency part in the HSYNCI input (horizontal synchronization signal) CL1 signal 1 interval of HSYNCI input (horizontal synchronization signal) is changed before output Separate mode HSYNCI input IHG signal Internal synchronization signal is output |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |