Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 455 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 451Page - Renesas Technology Corp H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp H8S/2437 Datasheet HTML 453Page - Renesas Technology Corp H8S/2437 Datasheet HTML 454Page - Renesas Technology Corp H8S/2437 Datasheet HTML 455Page - Renesas Technology Corp H8S/2437 Datasheet HTML 456Page - Renesas Technology Corp H8S/2437 Datasheet HTML 457Page - Renesas Technology Corp H8S/2437 Datasheet HTML 458Page - Renesas Technology Corp H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 746 page
background image
WDT0102A_000020020300
Rev. 1.00, 09/03, page 417 of 704
Section 15 Watchdog Timer (WDT)
This LSI incorporates the watchdog timer (WDT). The WDT is an 8-bit timer that can generate an
internal reset signal or an internal NMI interrupt signal if a system crash prevents the CPU from
writing to the timer counter, thus allowing it to overflow.
When this watchdog timer function is not needed, the WDT can be used as an interval timer. In
interval timer operation, an interval timer interrupt is generated each time the counter overflows.
15.1
Features
• Selectable from eight counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
• If the counter overflows, an internal reset or an internal NMI interrupt is generated.
Interval Timer Mode:
• If the counter overflows, an interval timer interrupt (WOVI) is generated.
A block diagram of the WDT is shown in figure 15.1.
WOVI
(Interrupt request signal)
Internal NMI
(Interrupt request signal)
Internal reset signal
TCNT
TCSR
φ/2
φ/64
φ/128
φ/512
φ/2048
φ/8192
φ/32768
φ/131072
Internal clock
TCSR:
TCN :
[Legend]
Overflow
Interrupt
control
Reset
control
Clock
Clock
selection
Bus
interface
Module bus
WDT
Timer control/status register
Timer counter
Figure 15.1 Block Diagram of WDT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com