Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 452 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 448Page - Renesas Technology Corp H8S/2437 Datasheet HTML 449Page - Renesas Technology Corp H8S/2437 Datasheet HTML 450Page - Renesas Technology Corp H8S/2437 Datasheet HTML 451Page - Renesas Technology Corp H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp H8S/2437 Datasheet HTML 453Page - Renesas Technology Corp H8S/2437 Datasheet HTML 454Page - Renesas Technology Corp H8S/2437 Datasheet HTML 455Page - Renesas Technology Corp H8S/2437 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 746 page
background image
Rev. 1.00, 09/03, page 414 of 704
14.7.4
Switching of External Event Signal and Operation of Edge Detection Circuit
When the external event signal is changed, the edge detection circuit may regard it as a rising or
falling edge. Table 14.4 shows the relationship between the timing at which the external event
signal is switched (bits IS2 to IS0 are rewritten) and operation of the edge detection circuit.
Rising and falling edges of the external event signal are detected by the edge detection circuit.
Thus, if the clock is changed when the old source is low and the new source is high, as in case no.
2 in table 14.4, the changeover is regarded as a rising edge and the TWCNT value is transferred to
TWICR during duty measurement. If the clock is changed when the old source is high and the new
source is low, as in case no. 3 in table 14.4, the changeover is regarded as a falling edge and duty
measurement is started or ended. To prevent incorrect operation, ensure that the IS bit should not
be rewritten during duty measurement.
Table 14.4
Switching of External Event Signal and Operation of Edge Detection Circuit
No.
Timing of Switchover by
Means of IS2 to IS0 Bits
Operation of Edge Detection Circuit
1
Switching from
low to low
External event signal
before switchover
External event signal
after switchover
Rising edge
detection signal
Falling edge
detection signal
Switchover of IS bit
2
Switching from
low to high
*1
External event signal
before switchover
External event signal
after switchover
Rising edge
detection signal
Falling edge
detection signal
Switchover of IS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com