Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 456 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 452Page - Renesas Technology Corp H8S/2437 Datasheet HTML 453Page - Renesas Technology Corp H8S/2437 Datasheet HTML 454Page - Renesas Technology Corp H8S/2437 Datasheet HTML 455Page - Renesas Technology Corp H8S/2437 Datasheet HTML 456Page - Renesas Technology Corp H8S/2437 Datasheet HTML 457Page - Renesas Technology Corp H8S/2437 Datasheet HTML 458Page - Renesas Technology Corp H8S/2437 Datasheet HTML 459Page - Renesas Technology Corp H8S/2437 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 746 page
background image
Rev. 1.00, 09/03, page 418 of 704
15.2
Register Descriptions
The WDT has the following registers. To prevent accidental overwriting, TCNT and TCSR have
to be written to in a method different from normal registers. For details, see section 15.5.1, Notes
on Register Access. For details on the system control register, see section 3.2.2, System Control
Register (SYSCR).
• Timer counter (TCNT)
• Timer control/status register (TCSR)
15.2.1
Timer Counter (TCNT)
TCNT is an 8-bit readable/writable up-counter.
TCNT is initialized to H'00 when the TME bit in the timer control/status register (TCSR) is
cleared to 0.
15.2.2
Timer Control/Status Register (TCSR)
TCSR selects the clock source to be input to TCNT, and the timer mode.
Bit
Bit Name Initial Value R/W
Description
7
OVF
0
R/(W)* Overflow Flag
Indicates that TCNT has overflowed (changes from H'FF
to H'00).
[Setting condition]
When TCNT overflows (changes from H'FF to H'00)
When internal reset request generation is selected in
watchdog timer mode, this bit is cleared automatically by
the internal reset.
[Clearing conditions]
• When TCSR is read when OVF = 1, then 0 is written
to OVF
• When 0 is written to TME
6
WT/
IT
0
R/W
Timer Mode Select
Selects whether the WDT is used as a watchdog timer or
interval timer.
0: Interval timer mode
1: Watchdog timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com