Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 474 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp H8S/2437 Datasheet HTML 471Page - Renesas Technology Corp H8S/2437 Datasheet HTML 472Page - Renesas Technology Corp H8S/2437 Datasheet HTML 473Page - Renesas Technology Corp H8S/2437 Datasheet HTML 474Page - Renesas Technology Corp H8S/2437 Datasheet HTML 475Page - Renesas Technology Corp H8S/2437 Datasheet HTML 476Page - Renesas Technology Corp H8S/2437 Datasheet HTML 477Page - Renesas Technology Corp H8S/2437 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 746 page
background image
Rev. 1.00, 09/03, page 436 of 704
16.3.9
Bit Rate Register (BRR)
BRR is an 8-bit register that adjusts the bit rate. As the SCI performs baud rate generator control
independently for each channel, different bit rates can be set for each channel. Table 16.2 shows
the relationships between the N setting in BRR and bit rate B for normal asynchronous mode and
clocked synchronous mode. The initial value of BRR is H'FF, and BRR can be read from or
written to by the CPU at all times.
Table 16.2
Relationships between N Setting in BRR and Bit Rate B
Mode
Bit Rate
Error
Asynchronous mode
B =
64 × 2
× (N + 1)
2n – 1
φ × 106
Error (%) = {
– 1 } × 100
B × 64 × 2
× (N + 1)
2n – 1
φ × 106
Clocked synchronous
mode
B =
8 × 2
× (N + 1)
2n – 1
φ × 106
Smart card interface
mode
B =
S × 2
× (N + 1)
2n + 1
φ × 106
Error (%) =
B × S × 2
× (N + 1)
–1 × 100
2n + 1
φ × 106
{
}
Notes: B: Bit rate (bit/s)
N: BRR setting for baud rate generator (0
≤ N ≤ 255)
φ: Operating frequency (MHz)
n and S: Determined by the SMR settings shown in the following table.
SMR Setting
SMR Setting
CKS1
CKS0
n
BCP1
BCP0
S
0
0
0
0
0
32
0
1
1
0
1
64
1
0
2
1
0
372
1
1
3
1
1
256
Table 16.3 shows sample N settings in BRR in normal asynchronous mode. Table 16.4 shows the
maximum bit rate settable for each operating frequency. Table 16.6 shows sample N settings in
BRR in clocked synchronous mode. Tables 16.5 and 16.7 show the maximum bit rates with
external clock input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com