Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 473 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 469Page - Renesas Technology Corp H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp H8S/2437 Datasheet HTML 471Page - Renesas Technology Corp H8S/2437 Datasheet HTML 472Page - Renesas Technology Corp H8S/2437 Datasheet HTML 473Page - Renesas Technology Corp H8S/2437 Datasheet HTML 474Page - Renesas Technology Corp H8S/2437 Datasheet HTML 475Page - Renesas Technology Corp H8S/2437 Datasheet HTML 476Page - Renesas Technology Corp H8S/2437 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 746 page
background image
Rev. 1.00, 09/03, page 435 of 704
16.3.8
Serial Interface Mode Register (SCMR)
SCMR is a register that selects the SCI functions.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 1
R
Reserved
These bits are always read as 1 and cannot
be modified.
3
SDIR
0
R/W
Data Transfer Direction
Selects the serial/parallel conversion format.
0: TDR contents are transmitted with LSB-
first.
Stores receive data as LSB first in RDR.
1: TDR contents are transmitted with MSB-
first.
Stores receive data as MSB first in RDR.
The SDIR bit is valid only when the 8-bit data
format is used for transmission/reception;
when the 7-bit data format is used, data is
always transmitted/received with LSB-first.
2
SINV
0
R/W
Data Invert
Specifies inversion of the data logic level. The
SINV bit does not affect the logic level of the
parity bit. When the parity bit is inverted, invert
the O/
E bit in SMR.
0: TDR contents are transmitted as they are.
Receive data is stored as it is in RDR.
1: TDR contents are inverted before being
transmitted. Receive data is stored in
inverted form in RDR.
1
1
R
Reserved
This bit is always read as 1 and cannot be
modified.
0
0
R/W
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com