Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 471 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 467Page - Renesas Technology Corp H8S/2437 Datasheet HTML 468Page - Renesas Technology Corp H8S/2437 Datasheet HTML 469Page - Renesas Technology Corp H8S/2437 Datasheet HTML 470Page - Renesas Technology Corp H8S/2437 Datasheet HTML 471Page - Renesas Technology Corp H8S/2437 Datasheet HTML 472Page - Renesas Technology Corp H8S/2437 Datasheet HTML 473Page - Renesas Technology Corp H8S/2437 Datasheet HTML 474Page - Renesas Technology Corp H8S/2437 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 746 page
background image
Rev. 1.00, 09/03, page 433 of 704
16.3.7
Serial Status Register (SSR)
SSR is a register containing status flags of the SCI and multiprocessor bits for transfer. TDRE,
RDRF, ORER, PER, and FER can only be cleared.
Bit
Bit Name
Initial Value
R/W
Description
7
TDRE
1
R/(W)* Transmit Data Register Empty
Indicates whether TDR contains transmit data.
[Setting conditions]
• When the TE bit in SCR is 0
• When data is transferred from TDR to TSR
and TDR is ready for data write
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE
= 1
• When data is written to TDR
6
RDRF
0
R/(W)* Receive Data Register Full
Indicates whether receive data is stored in RDR.
[Setting condition]
• When serial reception ends normally and
receive data is transferred from RSR to RDR
[Clearing conditions]
•
When 0 is written to RDRF after reading
RDRF = 1
• When data is read from RDR
The RDRF flag is not affected and retains its
previous value even if the RE bit in SCR is cleared
to 0.
5
ORER
0
R/(W)* Overrun Error
[Setting condition]
• When the next serial reception is completed
while RDRF = 1
[Clearing condition]
• When 0 is written to ORER after reading
ORER = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com