Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 507 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 507 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 503Page - Renesas Technology Corp H8S/2437 Datasheet HTML 504Page - Renesas Technology Corp H8S/2437 Datasheet HTML 505Page - Renesas Technology Corp H8S/2437 Datasheet HTML 506Page - Renesas Technology Corp H8S/2437 Datasheet HTML 507Page - Renesas Technology Corp H8S/2437 Datasheet HTML 508Page - Renesas Technology Corp H8S/2437 Datasheet HTML 509Page - Renesas Technology Corp H8S/2437 Datasheet HTML 510Page - Renesas Technology Corp H8S/2437 Datasheet HTML 511Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 746 page
background image
Rev. 1.00, 09/03, page 469 of 704
16.8
Usage Notes
16.8.1
Module Stop Mode Setting
SCI operation can be disabled or enabled using the module stop control register. The initial setting
is for SCI operation to be halted. Register access is enabled by clearing module stop mode. For
details, see section 22, Power-Down Modes.
16.8.2
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RxD pin value
directly. In a break, the input from the RxD pin becomes all 0s, and so the FER flag in SSR is set,
and the PER flag may also be set. Note that, since the SCI continues the receive operation even
after receiving a break, even if the FER flag is cleared to 0, it will be set to 1 again.
16.8.3
Mark State and Break Sending
When the TE bit in SCR is 0, the TxD pin is used as an I/O port whose direction (input or output)
and level are determined by DR and DDR of the port. This can be used to set the TxD pin to mark
state (high level) or send a break during serial data transmission. To maintain the communication
line at mark state until the TE bit is set to 1, set both DDR and DR to 1. Since the TE bit is cleared
to 0 at this point, the TxD pin becomes an I/O port, and 1 is output from the TxD pin. To send a
break during serial transmission, first set DDR to 1 and DR to 0, and then clear the TE bit to 0.
When the TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission
state, the TxD pin becomes an I/O port, and 0 is output from the TxD pin.
16.8.4
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, FER, or PER) in SSR is set to 1,
even if the TDRE flag in SSR is cleared to 0. Be sure to clear the receive error flags to 0 before
starting transmission. Note that the receive error flags cannot be cleared to 0 even if the RE bit in
SCR is cleared to 0.
16.8.5
Relation between Writing to TDR and TDRE Flag
Data can be written to TDR irrespective of the TDRE flag status in SSR. However, if the new
data is written to TDR while the TDRE flag is 0, the previous data in TDR is lost because the
previous data has not been transferred to TSR yet. Be sure to write transmit data to TDR after
confirming that the TDRE flag is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com