Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 508 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 504Page - Renesas Technology Corp H8S/2437 Datasheet HTML 505Page - Renesas Technology Corp H8S/2437 Datasheet HTML 506Page - Renesas Technology Corp H8S/2437 Datasheet HTML 507Page - Renesas Technology Corp H8S/2437 Datasheet HTML 508Page - Renesas Technology Corp H8S/2437 Datasheet HTML 509Page - Renesas Technology Corp H8S/2437 Datasheet HTML 510Page - Renesas Technology Corp H8S/2437 Datasheet HTML 511Page - Renesas Technology Corp H8S/2437 Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 746 page
background image
Rev. 1.00, 09/03, page 470 of 704
16.8.6
SCI Operations during Mode Transitions
Transmission: Before making the transition to module stop, software standby, or subsleep mode,
stop all operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The states of the
output pins during each mode depend on the port settings, and the pins output a high-level signal
after mode cancellation. If the transition is made during data transmission, the data being
transmitted will be undefined.
To transmit data in the same transmission mode after mode cancellation, set the TE bit to 1, read
SSR, write to TDR, clear TDRE to 0 in this order, and then start transmission. To transmit data in
a different transmission mode, initialize the SCI first.
Figure 16.21 shows a sample flowchart for mode transition during transmission. Figures 16.22
and 16.23 show the pin states during transmission.
<Start transmission>
<Transmission>
[1]
No
No
No
Yes
Yes
Yes
Read TEND flag in SSR
Make transition to software standby mode etc.
Cancel software standby mode etc.
TE = 0
Initialization
TE = 1
[2]
[3]
All data transmitted?
Change operating mode?
TEND = 1
[1] Data being transmitted is lost
halfway. Data can be normally
transmitted from the CPU by
setting TE to 1, reading SSR,
writing to TDR, and clearing
TDRE to 0 after mode
cancellation; however, if the DTC
has been initiated, the data
remaining in DTC RAM will be
transmitted when TE and TIE are
set to 1.
[2] Clear TIE and TEIE to 0 when
they are set to 1.
[3] Module stop mode is included.
Figure 16.21 Sample Flowchart for Mode Transition during Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com