Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 509 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 505Page - Renesas Technology Corp H8S/2437 Datasheet HTML 506Page - Renesas Technology Corp H8S/2437 Datasheet HTML 507Page - Renesas Technology Corp H8S/2437 Datasheet HTML 508Page - Renesas Technology Corp H8S/2437 Datasheet HTML 509Page - Renesas Technology Corp H8S/2437 Datasheet HTML 510Page - Renesas Technology Corp H8S/2437 Datasheet HTML 511Page - Renesas Technology Corp H8S/2437 Datasheet HTML 512Page - Renesas Technology Corp H8S/2437 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 746 page
background image
Rev. 1.00, 09/03, page 471 of 704
TE bit
SCK
output pin
TxD
output pin
Port
input/output
Port input/output
Port
input/output
Start
Stop
High output
High output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Figure 16.22 Pin States during Transmission in Asynchronous Mode (Internal Clock)
TE bit
SCK
output pin
TxD
output pin
Port input/output
Port
input/output
Port
input/output
High output*
Marking output
Transmission start
Transmission end
Transition to
software standby
mode
Software standby
mode cancelled
SCI TxD output
Port
Port
SCI
TxD output
Last TxD bit retained
Note: * Initialized in software standby mode
Figure 16.23 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock)
Reception: Before making the transition to module stop, software standby, watch, subactive, or
subsleep mode, stop reception (RE = 0). RSR, RDR, and SSR are reset. If transition is made
during data reception, the data being received will be invalid.
To receive data in the same reception mode after mode cancellation, set RE to 1, and then start
reception. To receive data in a different reception mode, initialize the SCI first.
Figure 16.24 shows a sample flowchart for mode transition during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com