Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 513 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 509Page - Renesas Technology Corp H8S/2437 Datasheet HTML 510Page - Renesas Technology Corp H8S/2437 Datasheet HTML 511Page - Renesas Technology Corp H8S/2437 Datasheet HTML 512Page - Renesas Technology Corp H8S/2437 Datasheet HTML 513Page - Renesas Technology Corp H8S/2437 Datasheet HTML 514Page - Renesas Technology Corp H8S/2437 Datasheet HTML 515Page - Renesas Technology Corp H8S/2437 Datasheet HTML 516Page - Renesas Technology Corp H8S/2437 Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 746 page
background image
IFIIC50A_010020030300
Rev. 1.00, 09/03, page 475 of 704
Section 17 I
2C Bus Interface 3 (IIC3)
This LSI has a four-channel I
2C bus interface 3 (IIC3).
The I
2C bus interface conforms to and provides a subset of the Philips I2C bus (inter-IC bus)
interface functions. The register configuration that controls the I
2C bus differs partly from the
Philips configuration, however.
Figure 17.1 shows a block diagram of the I
2C bus interface 3.
Figure 17.2 shows an example of I/O pin connections to external circuits.
17.1
Features
• Continuous transmission/reception
Since the shift register, transmit data register, and receive data register are independent from
each other, the continuous transmission/reception can be performed.
• Start and stop conditions generated automatically in master mode
• Selection of acknowledge output levels when receiving
• Automatic loading of acknowledge bit when transmitting
• Bit synchronization/wait function
In master mode, the state of the SCL is monitored per bit, and the timing is synchronized
automatically
If transfer is not ready, set the SCL to low until preparations are completed.
• Multiple slave addresses can be set
Maximum three types of slave addresses can be set independently. Using the slave address
mask register enables more slave addresses to be set.
• Six interrupt sources
Transmit-data-empty (including slave-address match), transmit-end, receive-data-full
(including slave-address match), arbitration lost, NACK detection, and stop condition
detection
• Direct bus drive
SCL and SDA pins function as NMOS open-drain outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com