Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 517 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 517 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 513Page - Renesas Technology Corp H8S/2437 Datasheet HTML 514Page - Renesas Technology Corp H8S/2437 Datasheet HTML 515Page - Renesas Technology Corp H8S/2437 Datasheet HTML 516Page - Renesas Technology Corp H8S/2437 Datasheet HTML 517Page - Renesas Technology Corp H8S/2437 Datasheet HTML 518Page - Renesas Technology Corp H8S/2437 Datasheet HTML 519Page - Renesas Technology Corp H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 517 / 746 page
background image
Rev. 1.00, 09/03, page 479 of 704
17.3.1
I
2C Bus Control Register A (ICCRA)
ICCRA enables or disables the I
2C bus interface, controls transmission or reception, and selects
master or slave mode, transmission or reception, and transfer clock frequency in master mode.
Bit Bit Name
Initial Value R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted.
1: This module is enabled for transfer operations. (SCL and
SDA pins are bus drive state.)
6
RCVD
0
R/W
Reception Disable
Enables or disables the next operation when TRS is 0 and
ICDRR is read.
0: Enables next reception
1: Disables next reception
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
When arbitration is lost in master mode, MST and TRS are
both reset by hardware, causing a transition to slave
receive mode. Modification of the TRS bit should be made
between transfer frames.
Operating modes are described below according to MST
and TRS combination.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3
2
1
0
CKS3
CKS2
CKS1
CKS0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Select 3 to 0
These bits are valid only in master mode and should be set
according to the necessary transfer rate. For details on
transfer rate, see table 17.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com