Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 527 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp H8S/2437 Datasheet HTML 524Page - Renesas Technology Corp H8S/2437 Datasheet HTML 525Page - Renesas Technology Corp H8S/2437 Datasheet HTML 526Page - Renesas Technology Corp H8S/2437 Datasheet HTML 527Page - Renesas Technology Corp H8S/2437 Datasheet HTML 528Page - Renesas Technology Corp H8S/2437 Datasheet HTML 529Page - Renesas Technology Corp H8S/2437 Datasheet HTML 530Page - Renesas Technology Corp H8S/2437 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 746 page
background image
Rev. 1.00, 09/03, page 489 of 704
17.3.10
I
2C Bus Status Register A (ICSRA)
ICSRA confirms slave address recognition flags.
Bit
Bit Name Initial Value R/W
Description
7
AASA
0
R/W
Slave Address Recognition Flag A
In slave receive mode, this flag is set to 1 if the upper 7 bits
in the first frame following a start condition match bits
SVA6 to SVA0 in SARA.
[Setting condition]
• When the slave address is detected in slave receive
mode
[Clearing condition]
• When 0 is written to AASA after reading AASA = 1
6
AASB
0
R/W
Slave Address Recognition Flag B
In slave receive mode, this flag is set to 1 if the upper 7 bits
in the first frame following a start condition match bits
SVA6 to SVA0 in SARB.
[Setting condition]
• When the slave address is detected in slave receive
mode
[Clearing condition]
• When 0 is written to AASB after reading AASB = 1
5 to 0
All 0
Reserved
These bits are always read as 0.
17.3.11
I
2C Bus Transmit Data Register (ICDRT)
ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects the
space in the I
2C bus shift register (ICDRS), it transfers the transmit data which is written in
ICDRT to ICDRS and starts transferring data. If the next transfer data is written to ICDRT during
transferring data in ICDRS, continuous transfer is possible.
17.3.12
I
2C Bus Receive Data Register (ICDRR)
ICDRR is an 8-bit register that stores the receive data. When one byte of data is received, ICDRR
transfers the received data from ICDRS to ICDRR and the next data can be received. ICDRR is a
receive-only register, therefore this register cannot be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com