Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 524 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp H8S/2437 Datasheet HTML 524Page - Renesas Technology Corp H8S/2437 Datasheet HTML 525Page - Renesas Technology Corp H8S/2437 Datasheet HTML 526Page - Renesas Technology Corp H8S/2437 Datasheet HTML 527Page - Renesas Technology Corp H8S/2437 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 746 page
background image
Rev. 1.00, 09/03, page 486 of 704
Bit Bit Name
Initial Value R/W
Description
3
STOP
0
R/W
Stop Condition Detection Flag
[Setting condition]
• When a stop condition is detected after frame transfer
[Clearing condition]
• When 0 is written to STOP after reading STOP = 1
2
AL
0
R/W
Arbitration Lost Flag
Indicates that arbitration was lost in master mode.
When two or more master devices attempt to seize the bus
at nearly the same time, the I
2C bus interface monitors the
SDA. If it detects data differing from the data it sent, it sets
the AL flag to 1 to indicate that the bus has been taken by
another master.
[Setting conditions]
• If the internal SDA and SDA pin does not match at the
rise of SCL in master transmit mode
• When the SDA pin goes high in master mode while a
start condition is detected
[Clearing condition]
• When 0 is written to AL after reading AL = 1
1
AAS
0
R/W
Slave Address Recognition Flag
In slave receive mode, this flag is set to 1 if the first frame
following a start condition matches bits SVA6 to SVA0 in
SAR.
[Setting conditions]
• When the slave address is detected in slave receive
mode
• When the general call address is detected in slave
receive mode
[Clearing condition]
• When 0 is written to AAS after reading AAS = 1
0
ADZ
0
R/W
General Call Address Recognition Flag
This bit is valid in slave receive mode.
[Setting condition]
• When the general call address is detected in slave
receive mode
[Clearing condition]
• When 0 is written to ADZ after reading ADZ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com