Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 526 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp H8S/2437 Datasheet HTML 524Page - Renesas Technology Corp H8S/2437 Datasheet HTML 525Page - Renesas Technology Corp H8S/2437 Datasheet HTML 526Page - Renesas Technology Corp H8S/2437 Datasheet HTML 527Page - Renesas Technology Corp H8S/2437 Datasheet HTML 528Page - Renesas Technology Corp H8S/2437 Datasheet HTML 529Page - Renesas Technology Corp H8S/2437 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 746 page
background image
Rev. 1.00, 09/03, page 488 of 704
17.3.8
Slave Address Register B (SARB)
SARB sets slave addresses. When the chip is in slave mode, if the upper 7 bits in SARB match the
upper 7 bits of the first frame received after a start condition, the chip operates as the slave device.
Bit
Bit Name Initial Value R/W
Description
7 to 1 SVA6 to
SVA0
All 0
R/W
Slave Address 6 to 0
Set a unique address in bits SVA6 to SVA0, differing from
the addresses of other slave devices connected to the I
2C
bus.
0
SARE
0
R/W
Slave Address Enable
Selects whether slave addresses in SARB are recognized
or not.
0: Ignores slave addresses in SARB
1: Recognizes slave addresses in SARB
17.3.9
Slave Address Mask Register (SAMR)
SAMR masks slave addresses set in SAR and controls automatic switching of transmit modes in
slave mode.
Bit
Bit Name Initial Value R/W
Description
7
6
5
4
3
2
1
MSA6
MSA5
MSA4
MSA3
MSA2
MSA1
MSA0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Slave Address Mask 6 to 0
Correspond to the SVA6 to SVA0 bits in SAR and control
comparison conditions for addresses set in SAR and
addresses of upper 7 bits of the first frame received after a
start condition in slave mode.
0: Compare addresses set in bits SVA6 to SVA0 in SAR
and receive addresses
1: Operate assuming that receive addresses have matched
bits SVA6 to SVA0 in SAR
0
MTRS
0
R/W
Transmit Mode Switch Mask
Controls automatic switching of transmit modes by the
eighth bit of the first frame in slave mode.
0: When the eighth bit of the first frame is 1, the TRS bit in
ICCRA and TDRE bit in ICSR are automatically set to 1
and a transition is made to slave transmit mode.
1: The TRS bit in ICCRA and TDRE bit in ICSR are not
automatically changed by the eighth bit of the first
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com