Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 534 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 534 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 530Page - Renesas Technology Corp H8S/2437 Datasheet HTML 531Page - Renesas Technology Corp H8S/2437 Datasheet HTML 532Page - Renesas Technology Corp H8S/2437 Datasheet HTML 533Page - Renesas Technology Corp H8S/2437 Datasheet HTML 534Page - Renesas Technology Corp H8S/2437 Datasheet HTML 535Page - Renesas Technology Corp H8S/2437 Datasheet HTML 536Page - Renesas Technology Corp H8S/2437 Datasheet HTML 537Page - Renesas Technology Corp H8S/2437 Datasheet HTML 538Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 746 page
background image
Rev. 1.00, 09/03, page 496 of 704
17.4.4
Slave Transmit Operation
In slave transmit mode, the slave device outputs the transmit data, while the master device outputs
the receive clock and returns an acknowledge signal. The operation timings in slave transmit mode
are shown in figures 17.9 and 17.10.
The transmission procedure and operations in slave transmit mode are described below.
1. Set the ICE bit in ICCRA to 1. Set the WAIT bit in ICMR and the CKS3 to CKS0 bits in
ICCRA to 1 (initial setting). Set the MST and TRS bits in ICCRA to select slave receive mode,
and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave device outputs the level specified by ACKBT in ICIER to SDA, at the rise of the 9th
clock pulse. At this time, if the 8th bit data (R/
W) is 1, the TRS in ICCRA and TDRE in ICSR
are set to 1, and the mode changes to slave transmit mode automatically. The continuous
transmission can be performed by writing transmit data to ICDRT every time TDRE is set.
3. If TDRE is set after writing the last transmit data to ICDRT, wait until TEND in ICSR is set to
1, with TDRE = 1. When TEND is set, clear TEND.
4. Clear TRS for the end processing, and read ICDRR (dummy read). Then, SCL is free.
5. Clear TDRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com