Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 538 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 534Page - Renesas Technology Corp H8S/2437 Datasheet HTML 535Page - Renesas Technology Corp H8S/2437 Datasheet HTML 536Page - Renesas Technology Corp H8S/2437 Datasheet HTML 537Page - Renesas Technology Corp H8S/2437 Datasheet HTML 538Page - Renesas Technology Corp H8S/2437 Datasheet HTML 539Page - Renesas Technology Corp H8S/2437 Datasheet HTML 540Page - Renesas Technology Corp H8S/2437 Datasheet HTML 541Page - Renesas Technology Corp H8S/2437 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 746 page
background image
Rev. 1.00, 09/03, page 500 of 704
17.4.6
Noise Canceler
The logic levels at the SCL and SDA pins are latched internally via the noise canceler. Figure
17.13 shows a block diagram of the noise canceler.
The noise canceler consists of two cascaded latches and a match detector. The SCL (or SDA)
input signal is sampled on the system clock, but is not passed forward to the next circuit unless the
outputs of both latches match. If they do not match, the previous value is retained.
C
Q
D
Match detector
Internal
SCL or SDA
signal
SCL or SDA
input signal
Sampling
clock
Sampling clock
System clock
cycle
Latch
Latch
C
Q
D
Figure 17.13 Block Diagram of Noise Canceler
17.4.7
Example of Use
Flowcharts in respective modes that use the I
2C bus interface are shown in figures 17.14 to 17.17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com