Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 536 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 532Page - Renesas Technology Corp H8S/2437 Datasheet HTML 533Page - Renesas Technology Corp H8S/2437 Datasheet HTML 534Page - Renesas Technology Corp H8S/2437 Datasheet HTML 535Page - Renesas Technology Corp H8S/2437 Datasheet HTML 536Page - Renesas Technology Corp H8S/2437 Datasheet HTML 537Page - Renesas Technology Corp H8S/2437 Datasheet HTML 538Page - Renesas Technology Corp H8S/2437 Datasheet HTML 539Page - Renesas Technology Corp H8S/2437 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 746 page
background image
Rev. 1.00, 09/03, page 498 of 704
TDRE
Data n
TEND
ICDRS
ICDRR
1
9
2
34
56
78
9
TRS
ICDRT
A
SCL
(master output)
SDA
(master output)
SDA
(slave output)
SCL
(slave output)
Bit 7
Slave transmit mode
Slave receive
mode
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[3] Clear TEND
[5] Clear TDRE
[4] Read ICDRR (dummy read)
after clearing TRS
User
processing
A/
Figure 17.10 Operation Timing in Slave Transmit Mode (2)
17.4.5
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and transmit data, and the
slave device returns an acknowledge signal. The operation timings in slave receive mode are
shown in figures 17.11 and 17.12. The reception procedure and operations in slave receive mode
are described below.
1. Set the ICE bit in ICCRA to 1. Set the WAIT bit in ICMR and the CKS3 to CKS0 bits in
ICCRA to 1 (initial setting). Set the MST and TRS bits in ICCRA to select slave receive mode,
and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave device outputs the level specified by ACKBT in ICIER to SDA, at the rise of the 9th
clock pulse. At the same time, RDRF in ICSR is set to read ICDRR (dummy read). (Since the
read data show the slave address and R/
W, it is not used.)
3. Read ICDRR every time RDRF is set. If the 8th receive clock pulse falls while RDRF is 1,
SCL is fixed low until RDRF is cleared. The change of the acknowledge before clearing
RDRF, to be returned to the master device, is reflected to the next transfer frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com