Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 194 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 190Page - Renesas Technology Corp H8S/2437 Datasheet HTML 191Page - Renesas Technology Corp H8S/2437 Datasheet HTML 192Page - Renesas Technology Corp H8S/2437 Datasheet HTML 193Page - Renesas Technology Corp H8S/2437 Datasheet HTML 194Page - Renesas Technology Corp H8S/2437 Datasheet HTML 195Page - Renesas Technology Corp H8S/2437 Datasheet HTML 196Page - Renesas Technology Corp H8S/2437 Datasheet HTML 197Page - Renesas Technology Corp H8S/2437 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 746 page
background image
Rev. 1.00, 09/03, page 156 of 704
7.4.2
Port 3 Data Register (P3DR)
P3DR stores output data for the port 3 pins.
Bit
Bit Name
Initial Value
R/W
Description
7
P37DR
0
R/W
6
P36DR
0
R/W
5
P35DR
0
R/W
4
P34DR
0
R/W
3
P33DR
0
R/W
2
P32DR
0
R/W
1
P31DR
0
R/W
0
P30DR
0
R/W
P3DR stores output data for the port 3 pins that are
used as the general output ports.
7.4.3
Port 3 Register (PORT3)
PORT3 reflects the pin state in port 3 and cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7
P37
*
R
6
P36
*
R
5
P35
*
R
4
P34
*
R
3
P33
*
R
2
P32
*
R
1
P31
*
R
0
P30
*
R
When this register is read, the bit that is set in
P3DDR is read as the value of P3DR. The bit
that is cleared in P3DDR is read as the pin
state.
Note:
*
Determined by the states of the P37 to P30 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More