| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 198 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 198 Page - Renesas Technology Corp |
|
198 / 746 page ![]() Rev. 1.00, 09/03, page 160 of 704 • P31/D9/ExIRQ1 When the IRQ1S bit in PTCNT1 is set to 1, this pin can be used as the ExIRQ1 pin. The pin function is switched as shown below according to the operating mode, the IRQ1S bit, and the P31DDR bit. Extended Mode (EXPE = 1) Normal Extended Mode (ADMXE = 0) Multiplex Extended Mode (ADMXE = 1) Single-Chip Mode (EXPE = 0) P31DDR 0 1 0 1 D9 I/O pin P31 input pin P31 output pin P31 input pin P31 output pin Pin function ExIRQ1 input pin* Note: * When the IRQ1S bit in PTCNT1 is set to 1, this pin functions as the ExIRQ1 input pin. • P30/D8/ExIRQ0 When the IRQ0S bit in PTCNT1 is set to 1, this pin can be used as the ExIRQ0 pin. The pin function is switched as shown below according to the operating mode, the IRQ0S bit, and the P30DDR bit. Extended Mode (EXPE = 1) Normal Extended Mode (ADMXE = 0) Multiplex Extended Mode (ADMXE = 1) Single-Chip Mode (EXPE = 0) P30DDR 0 1 0 1 D8 I/O pin P30 input pin P30 output pin P30 input pin P30 output pin Pin function ExIRQ0 input pin* Note: * When the IRQ0S bit in PTCNT1 is set to 1, this pin functions as the ExIRQ0 input pin. |