| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 196 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 196 Page - Renesas Technology Corp |
|
196 / 746 page ![]() Rev. 1.00, 09/03, page 158 of 704 • P36/D14 The pin function is switched as shown below according to the operating mode and the P36DDR bit. Extended Mode (EXPE = 1) Normal Extended Mode (ADMXE = 0) Multiplex Extended Mode (ADMXE = 1) Single-Chip Mode (EXPE = 0) P36DDR 0 1 0 1 Pin function D14 I/O pin P36 input pin P36 output pin P36 input pin P36 output pin • P35/D13 The pin function is switched as shown below according to the operating mode and the P35DDR bit. Extended Mode (EXPE = 1) Normal Extended Mode (ADMXE = 0) Multiplex Extended Mode (ADMXE = 1) Single-Chip Mode (EXPE = 0) P35DDR 0 1 0 1 Pin function D13 I/O pin P35 input pin P35 output pin P35 input pin P35 output pin • P34/D12 The pin function is switched as shown below according to the operating mode and the P34DDR bit. Extended Mode (EXPE = 1) Normal Extended Mode (ADMXE = 0) Multiplex Extended Mode (ADMXE = 1) Single-Chip Mode (EXPE = 0) P34DDR 0 1 0 1 Pin function D12 I/O pin P34 input pin P34 output pin P34 input pin P34 output pin |