Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 267 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 263Page - Renesas Technology Corp H8S/2437 Datasheet HTML 264Page - Renesas Technology Corp H8S/2437 Datasheet HTML 265Page - Renesas Technology Corp H8S/2437 Datasheet HTML 266Page - Renesas Technology Corp H8S/2437 Datasheet HTML 267Page - Renesas Technology Corp H8S/2437 Datasheet HTML 268Page - Renesas Technology Corp H8S/2437 Datasheet HTML 269Page - Renesas Technology Corp H8S/2437 Datasheet HTML 270Page - Renesas Technology Corp H8S/2437 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 746 page
background image
Rev. 1.00, 09/03, page 229 of 704
• DADRB
Bit
Bit Name
Initial Value
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
DA13
DA12
DA11
DA10
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D/A Data 13 to 0
Set a digital value to be converted to an analog value.
In each base cycle, the DACNT value is continually
compared with the DADR value to determine the duty
cycle of the output waveform, and to decide whether to
output a fine-adjustment pulse equal in width to the
resolution. To enable this operation, this register must
be set within a range that depends on the CFS bit. If the
DADR value is outside this range, the PWM output is
fixed.
A channel can be operated with 12-bit accuracy by
fixing DA0 and DA1 to 0. The lower two data bits are
not compared with UC12 and UC13 in DACNT.
1
CFS
1
R/W
Carrier Frequency Select
0: Base cycle = resolution (T)
× 64
The range of DA13 to DA0: H
′0100 to H'3FFF
1: Base cycle = resolution (T)
× 256
The range of DA13 to DA0: H
′0040 to H'3FFF
0
REGS
1
R/W
Register Select
DADRA and DACR, and DADRB and DACNT, are
located at the same addresses. The REGS bit specifies
which registers can be accessed. When changing the
register to be accessed, set this bit in advance.
0: DADRA and DADRB can be accessed
1: DACR and DACNT can be accessed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More