Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 271 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 267Page - Renesas Technology Corp H8S/2437 Datasheet HTML 268Page - Renesas Technology Corp H8S/2437 Datasheet HTML 269Page - Renesas Technology Corp H8S/2437 Datasheet HTML 270Page - Renesas Technology Corp H8S/2437 Datasheet HTML 271Page - Renesas Technology Corp H8S/2437 Datasheet HTML 272Page - Renesas Technology Corp H8S/2437 Datasheet HTML 273Page - Renesas Technology Corp H8S/2437 Datasheet HTML 274Page - Renesas Technology Corp H8S/2437 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 746 page
background image
Rev. 1.00, 09/03, page 233 of 704
9.5
Operation
A PWM waveform like the one shown in figure 9.2 is output from the PWX pin. Data in DADR
corresponds to the total width (T
L) of the low (0) pulses output in one conversion cycle (256 pulses
when CFS = 0, 64 pulses when CFS = 1). When OS = 0, this waveform is directly output. When
OS = 1, the output waveform is inverted, and data in DADR value corresponds to the total width
(T
H) of the high (1) output pulses. Figures 9.3 and 9.4 show the types of output waveform.
tf
tL
T: Resolution
TL = Σ tLn (OS = 0)
(When CFS = 0, m = 256
When CFS = 1, m = 64)
m
n = 1
1 conversion cycle
(T
× 214 (= 16384))
Base cycle
(T
× 64 or T × 256)
Figure 9.2 PWMX (D/A) Operation
Table 9.4 summarizes the relationships between the CKS and CFS bit settings and the resolution,
base cycle, and conversion cycle. The PWM output remains fixed unless the contents of DADR
are at least a certain minimum value. The relationship between the OS bit and the output
waveform is shown in figures 9.3 and 9.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More