| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2437 Datasheet(PDF) 270 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2437 Datasheet(HTML) 270 Page - Renesas Technology Corp |
|
270 / 746 page ![]() Rev. 1.00, 09/03, page 232 of 704 (2) Read When the upper byte is read from, the upper-byte value is transferred to the CPU and the lower- byte value is transferred to TEMP. Next, when the lower byte is read from, the lower-byte value in TEMP is transferred to the CPU. These registers should always be accessed in 16-bit units at a time with a MOV instruction, and the upper byte should always be accessed before the lower byte. Correct data will not be transferred if only the upper byte or only the lower byte is accessed. Also note that a bit manipulation instruction cannot be used to access these registers. Example 1: Write to DACNT MOV.W R0, @DACNT ; Write R0 contents to DACNT Example 2: Read DADRA MOV.W @DADRA, R0 ; Copy contents of DADRA to R0 Table 9.3 Access Method for Reading/Writing 16-Bit Registers Read Write Register Word Byte Word Byte DADRA, DADRB × DACNT × × [Legend] Ο: Indicates the allowed access. Word access includes continuous access to upper bytes and lower bytes in that order. ×: The result is not guaranteed in that access. |