Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515846 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

No. de pieza SC515846
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515846 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button SC515846 Datasheet HTML 26Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 27Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 28Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 29Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
30
Freescale Semiconductor
1.5 Device Memory Map
(Table 1-1) and (Figure 1-2) show the device memory map of the MC9S12DT128 after reset. Note that
after reset the EEPROM ($0000 – $07FF) is hidden by the register space ($0000 - $03FF) and the RAM
($0000 - $1FFF). The bottom 1K Bytes of RAM ($0000 - $03FF) are hidden by the register space.
Table 1-1 Device Memory Map
Address
Module
Size
(Bytes)
$0000 – $0017
CORE (Ports A, B, E, Modes, Inits, Test)
24
$0018 – $0019
Reserved
2
$001A – $001B Device ID register (PARTID)
2
$001C – $001F CORE (MEMSIZ, IRQ, HPRIO)
4
$0020 – $0027
Reserved
8
$0028 – $002F
CORE (Background Debug Module)
8
$0030 – $0033
CORE (PPAGE, Port K)
4
$0034 – $003F
Clock and Reset Generator (PLL, RTI, COP)
12
$0040 – $007F
Enhanced Capture Timer 16-bit 8 channels
64
$0080 – $009F
Analog to Digital Converter 10-bit 8 channels (ATD0)
32
$00A0 – $00C7 Pulse Width Modulator 8-bit 8 channels (PWM)
40
$00C8 – $00CF Serial Communications Interface (SCI0)
8
$00D0 – $00D7 Serial Communications Interface (SCI1)
8
$00D8 – $00DF Serial Peripheral Interface (SPI0)
8
$00E0 – $00E7 Inter IC Bus
8
$00E8 – $00EF Byte Level Data Link Controller (BDLC)
8
$00F0 – $00F7
Serial Peripheral Interface (SPI1)
8
$00F8 – $00FF
Reserved
8
$0100 – $010F
Flash Control Register
16
$0110 – $011B
EEPROM Control Register
12
$011C – $011F Reserved
4
$0120 – $013F
Analog to Digital Converter 10-bit 8 channels (ATD1)
32
$0140 – $017F
Motorola Scalable CAN (CAN0)
64
$0180 – $01BF
Motorola Scalable CAN (CAN1)
64
$01C0 – $01FF Reserved
64
$0200 – $023F
Reserved
64
$0240 – $027F
Port Integration Module (PIM)
64
$0280 – $02BF
Motorola Scalable CAN (CAN4)
64
$02C0 – $02FF Reserved
64
$0300 – $035F
Byteflight (BF)
96
$0360 – $03FF
Reserved
160
$0000 – $07FF
EEPROM array
2048
$0000 – $1FFF
RAM array
8192
$4000 – $7FFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at start
16384
$8000 – $BFFF Flash EEPROM Page Window
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com