| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC515846 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC515846 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc |
|
63 / 140 page ![]() Device User Guide — 9S12DT128DGV2/D V02.17 63 Freescale Semiconductor PM1 TXCAN0 TXB — — VDDX PERM/ PPSM Disabled Port M I/O, TX of CAN0, RX of BDLC PM0 RXCAN0 RXB — — VDDX PERM/ PPSM Disabled Port M I/O, RX of CAN0, RX of BDLC PP7 KWP7 PWM7 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 7 of PWM PP6 KWP6 PWM6 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 6 of PWM PP5 KWP5 PWM5 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 5 of PWM PP4 KWP4 PWM4 — — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 4 of PWM PP3 KWP3 PWM3 SS1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 3 of PWM, SS of SPI1 PP2 KWP2 PWM2 SCK1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 2 of PWM, SCK of SPI1 PP1 KWP1 PWM1 MOSI1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 1 of PWM, MOSI of SPI1 PP0 KWP0 PWM0 MISO1 — VDDX PERP/ PPSP Disabled Port P I/O, Interrupt, Channel 0 of PWM, MISO2 of SPI1 PS7 SS0 — — — VDDX PERS/ PPSS Up Port S I/O, SS of SPI0 PS6 SCK0 — — — VDDX PERS/ PPSS Up Port S I/O, SCK of SPI0 PS5 MOSI0 — — — VDDX PERS/ PPSS Up Port S I/O, MOSI of SPI0 PS4 MISO0 — — — VDDX PERS/ PPSS Up Port S I/O, MISO of SPI0 PS3 TXD1 — — — VDDX PERS/ PPSS Up Port S I/O, TXD of SCI1 PS2 RXD1 — — — VDDX PERS/ PPSS Up Port S I/O, RXD of SCI1 PS1 TXD0 — — — VDDX PERS/ PPSS Up Port S I/O, TXD of SCI0 PS0 RXD0 — — — VDDX PERS/ PPSS Up Port S I/O, RXD of SCI0 PT[7:0] IOC[7:0] — — — VDDX PERT/ PPST Disabled Port T I/O, Timer channels NOTES: 1. Refer to PEAR register description in HCS12 Multiplexed External Bus Interface (MEBI) Block Guide. Pin Name Function 1 Pin Name Function 2 Pin Name Function 3 Pin Name Function 4 Pin Name Function 5 Powered by Internal Pull Resistor Description CTRL Reset State |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |