| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC515846 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC515846 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 140 page ![]() Device User Guide — 9S12DT128DGV2/D V02.17 82 Freescale Semiconductor 5.3 Effects of Reset When a reset occurs, MCU registers and control bits are changed to known start-up states. Refer to the respective module Block User Guides for register reset states. 5.3.1 I/O pins Refer to the HCS12 Multiplexed External Bus Interface (MEBI) Block Guide for mode dependent pin configuration of port A, B, E and K out of reset. Refer to the PIM Block User Guide for reset configurations of all peripheral module ports. $FFCA, $FFCB Modulus Down Counter underflow I-Bit MCCTL (MCZI) $CA $FFC8, $FFC9 Pulse Accumulator B Overflow I-Bit PBCTL (PBOVI) $C8 $FFC6, $FFC7 CRG PLL lock I-Bit PLLCR (LOCKIE) $C6 $FFC4, $FFC5 CRG Self Clock Mode I-Bit PLLCR (SCMIE) $C4 $FFC2, $FFC3 BDLC I-Bit DLCBCR1 (IE) $C2 $FFC0, $FFC1 IIC Bus I-Bit IBCR (IBIE) $C0 $FFBE, $FFBF SPI1 I-Bit SPICR1 (SPIE, SPTIE) $BE $FFBC, $FFBD Reserved $FFBA, $FFBB EEPROM I-Bit ECNFG (CCIE, CBEIE) $BA $FFB8, $FFB9 FLASH I-Bit FCNFG (CCIE, CBEIE) $B8 $FFB6, $FFB7 CAN0 wake-up I-Bit CANRIER (WUPIE) $B6 $FFB4, $FFB5 CAN0 errors I-Bit CANRIER (CSCIE, OVRIE) $B4 $FFB2, $FFB3 CAN0 receive I-Bit CANRIER (RXFIE) $B2 $FFB0, $FFB1 CAN0 transmit I-Bit CANTIER (TXEIE[2:0]) $B0 $FFAE, $FFAF CAN1 wake-up I-Bit CANRIER (WUPIE) $AE $FFAC, $FFAD CAN1 errors I-Bit CANRIER (CSCIE, OVRIE) $AC $FFAA, $FFAB CAN1 receive I-Bit CANRIER (RXFIE) $AA $FFA8, $FFA9 CAN1 transmit I-Bit CANTIER (TXEIE[2:0]) $A8 $FFA6, $FFA7 BF Receive FIFO not empty I-Bit BFRIER (RCVFIE) $A6 $FFA4, $FFA5 BF receive I-Bit BFBUFCTL[15:0] (IENA) $A4 $FFA2, $FFA3 BF Synchronization I-Bit BFRIER (SYNAIE, SYNNIE) $A2 $FFA0, $FFA1 BF general I-Bit BFBUFCTL[15:0] (IENA), BFGIER (OVRNIE, ERRIE, SYNEIE, SYNLIE, ILLPIE, LOCKIE, WAKEIE) BFRIER (SLMMIE) $A0 $FF98, $FF9F Reserved $FF96, $FF97 CAN4 wake-up I-Bit CANRIER (WUPIE) $96 $FF94, $FF95 CAN4 errors I-Bit CANRIER (CSCIE, OVRIE) $94 $FF92, $FF93 CAN4 receive I-Bit CANRIER (RXFIE) $92 $FF90, $FF91 CAN4 transmit I-Bit CANTIER (TXEIE[2:0]) $90 $FF8E, $FF8F Port P Interrupt I-Bit PIEP (PIEP7-0) $8E $FF8C, $FF8D PWM Emergency Shutdown I-Bit PWMSDN (PWMIE) $8C $FF80 to $FF8B Reserved |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |