Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515846 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

No. de pieza SC515846
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515846 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button SC515846 Datasheet HTML 48Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 51Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 52Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
52
Freescale Semiconductor
$0280 - $02BF
CAN4 (Motorola Scalable CAN - MSCAN)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0280
CAN4CTL0
Read:
RXFRM
RXACT
CSWAI
SYNCH
TIME
WUPE
SLPRQ
INITRQ
Write:
$0281
CAN4CTL1
Read:
CANE
CLKSRC
LOOPB
LISTEN
0
WUPM
SLPAK
INITAK
Write:
$0282
CAN4BTR0
Read:
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
Write:
$0283
CAN4BTR1
Read:
SAMP
TSEG22
TSEG21
TSEG20
TSEG13
TSEG12
TSEG11
TSEG10
Write:
$0284
CAN4RFLG
Read:
WUPIF
CSCIF
RSTAT1
RSTAT0
TSTAT1
TSTAT0
OVRIF
RXF
Write:
$0285
CAN4RIER
Read:
WUPIE
CSCIE
RSTATE1 RSTATE0 TSTATE1 TSTATE0
OVRIE
RXFIE
Write:
$0286
CAN4TFLG
Read:
00000
TXE2
TXE1
TXE0
Write:
$0287
CAN4TIER
Read:
00000
TXEIE2
TXEIE1
TXEIE0
Write:
$0288
CAN4TARQ
Read:
00000
ABTRQ2 ABTRQ1 ABTRQ0
Write:
$0289
CAN4TAAK
Read:
00000
ABTAK2
ABTAK1
ABTAK0
Write:
$028A
CAN4TBSEL
Read:
00000
TX2
TX1
TX0
Write:
$028B
CAN4IDAC
Read:
0
0
IDAM1
IDAM0
0
IDHIT2
IDHIT1
IDHIT0
Write:
$028C
Reserved
Read:
00000000
Write:
$028D
Reserved
Read:
00000000
Write:
$028E
CAN4RXERR
Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0
Write:
$028F
CAN4TXERR
Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0
Write:
$0290 -
$0293
CAN0IDAR0 -
CAN0IDAR3
Read:
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Write:
$0294 -
$0297
CAN0IDMR0 -
CAN0IDMR3
Read:
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
Write:
$0298 -
$029B
CAN0IDAR4 -
CAN0IDAR7
Read:
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
Write:
$029C -
$029F
CAN0IDMR4 -
CAN0IDMR7
Read:
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
$02A0 -
$02AF
CAN4RXFG
Read:
FOREGROUND RECEIVE BUFFER see (Table 1-2)
Write:
$02B0 -
$02BF
CAN4TXFG
Read:
FOREGROUND TRANSMIT BUFFER see (Table 1-2)
Write:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com