Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515846 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

No. de pieza SC515846
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515846 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button SC515846 Datasheet HTML 95Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 96Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 97Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 98Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 99Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 100Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 101Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 102Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
101
Freescale Semiconductor
calculations refer to Section A.1.8 Power Dissipation and Thermal
Characteristics.
A.1.8 Power Dissipation and Thermal Characteristics
Power dissipation and thermal characteristics are closely related. The user must assure that the maximum
operating junction temperature is not exceeded. The average chip-junction temperature (TJ)in °C can be
obtained from:
Table A-4 Operating Conditions
Rating
Symbol
Min
Typ
Max
Unit
I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5
5.25
V
Digital Logic Supply Voltage 1
NOTES:
1. The device contains an internal voltage regulator to generate the logic and PLL supply out of the I/O supply. The
given operating range applies when this regulator is disabled and the device is powered from an external source.
VDD
2.35
2.5
2.75
V
PLL Supply Voltage 1
VDDPLL
2.25
2.5
2.75
V
Voltage Difference VDDX to VDDR and VDDA
∆
VDDX
-0.1
0
0.1
V
Voltage Difference VSSX to VSSR and VSSA
∆
VSSX
-0.1
0
0.1
V
Bus Frequency
fbus
0.252
2. Some blocks e.g. ATD (conversion) and NVMs (program/erase) require higher bus frequencies for proper oper-
ation.
-
25
MHz
MC9S12DT128C
Operating Junction Temperature Range
T
J
-40
-
100
°C
Operating Ambient Temperature Range 3
3. Please refer to Section A.1.8 Power Dissipation and Thermal Characteristics for more details about the rela-
tion between ambient temperature TA and device junction temperature TJ.
T
A
-40
27
85
°C
MC9S12DT128V
Operating Junction Temperature Range
T
J
-40
-
120
°C
Operating Ambient Temperature Range 3
T
A
-40
27
105
°C
MC9S12DT128M
Operating Junction Temperature Range
T
J
-40
-
140
°C
Operating Ambient Temperature Range 3
T
A
-40
27
125
°C
T
J
T
A
P
D
Θ
JA
•
()
+
=
T
J
Junction Temperature, [
°C ]
=
T
A
Ambient Temperature, [
°C ]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com