Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515846 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

No. de pieza SC515846
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515846 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button SC515846 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC515846 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
39
Freescale Semiconductor
$0092
ATD0DR1H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0093
ATD0DR1L
Read:
Bit7
Bit6
000000
Write:
$0094
ATD0DR2H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0095
ATD0DR2L
Read:
Bit7
Bit6
000000
Write:
$0096
ATD0DR3H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0097
ATD0DR3L
Read:
Bit7
Bit6
000000
Write:
$0098
ATD0DR4H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0099
ATD0DR4L
Read:
Bit7
Bit6
000000
Write:
$009A
ATD0DR5H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$009B
ATD0DR5L
Read:
Bit7
Bit6
000000
Write:
$009C
ATD0DR6H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$009D
ATD0DR6L
Read:
Bit7
Bit6
000000
Write:
$009E
ATD0DR7H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$009F
ATD0DR7L
Read:
Bit7
Bit6
000000
Write:
$00A0 - $00C7
PWM (Pulse Width Modulator 8 Bit 8 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00A0
PWME
Read:
PWME7
PWME6
PWME5
PWME4
PWME3
PWME2
PWME1
PWME0
Write:
$00A1
PWMPOL
Read:
PPOL7
PPOL6
PPOL5
PPOL4
PPOL3
PPOL2
PPOL1
PPOL0
Write:
$00A2
PWMCLK
Read:
PCLK7
PCLK6
PCLK5
PCLK4
PCLK3
PCLK2
PCLK1
PCLK0
Write:
$00A3
PWMPRCLK
Read:
0
PCKB2
PCKB1
PCKB0
0
PCKA2
PCKA1
PCKA0
Write:
$00A4
PWMCAE
Read:
CAE7
CAE6
CAE5
CAE4
CAE3
CAE2
CAE1
CAE0
Write:
$00A5
PWMCTL
Read:
CON67
CON45
CON23
CON01
PSWAI
PFRZ
00
Write:
$00A6
PWMTST
Test Only
Read:
00000000
Write:
$00A7
PWMPRSC
Test Only
Read:
00000000
Write:
$00A8
PWMSCLA
Read:
Bit 7
6
5
4
3
2
1
Bit 0
Write:
$0080 - $009F
ATD0 (Analog to Digital Converter 10 Bit 8 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com