Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 19Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 20Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 21Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 22Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 23Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 24Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 25Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 26Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
23
Freescale Semiconductor
–
Port S[3:2]
PS3:2 must be configured as outputs or their pull resistors must be enabled to avoid floating
inputs.
–
PAD[15:8] (ATD1 channels)
Out of reset the ATD1 is disabled preventing current flows in the pins. Do not modify the ATD1
registers!
Document References
The Device User Guide provides information about the MC9S12DT128 device made up of standard
HCS12 blocks and the HCS12 processor core.
This document is part of the customer documentation. A complete set of device manuals also includes all
the individual Block User Guides of the implemented modules. In a effort to reduce redundancy all module
specific information is located only in the respective Block User Guide. If applicable, special
implementation details of the module are given in the block description sections of this document.
See Table 0-3 for names and versions of the referenced documents throughout the Device User Guide.
Table 0-3 Document References
User Guide
Version
Document Order Number
HCS12 CPU Reference Manual
V02
S12CPUV2/D
HCS12 Module Mapping Control (MMC) Block Guide
V04
S12MMCV4/D
HCS12 Multiplexed External Bus Interface (MEBI) Block Guide
V03
S12MEBIV3/D
HCS12 Interrupt (INT) Block Guide
V01
S12INTV1/D
HCS12 Background Debug Module (BDM) Block Guide
V04
S12BDMV4/D
HCS12 Breakpoint (BKP) Block Guide
V01
S12BKPV1/D
Clock and Reset Generator (CRG) Block User Guide
V04
S12CRGV4/D
Oscillator (OSC) Block User Guide
V02
S12OSCV2/D
Enhanced Capture Timer 16 Bit 8 Channel (ECT_16B8C) Block User Guide
V01
S12ECT16B8CV1/D
Analog to Digital Converter 10 Bit 8 Channel (ATD_10B8C) Block User Guide
V02
S12ATD10B8CV2/D
Inter IC Bus (IIC) Block User Guide
V02
S12IICV2/D
Asynchronous Serial Interface (SCI) Block User Guide
V02
S12SCIV2/D
Serial Peripheral Interface (SPI) Block User Guide
V02
S12SPIV2/D
Pulse Width Modulator 8 Bit 8 Channel (PWM_8B8C) Block User Guide
V01
S12PWM8B8CV1/D
128K Byte Flash (FTS128K) Block User Guide
V02
S12FTS128KV2/D
2K Byte EEPROM (EETS2K) Block User Guide
V01
S12EETS2KV1/D
Byte Level Data Link Controller -J1850 (BDLC) Block User Guide
V01
S12BDLCV1/D
Motorola Scalable CAN (MSCAN) Block User Guide
V02
S12MSCANV2/D
Voltage Regulator (VREG) Block User Guide
V01
S12VREGV1/D
Port Integration Module (PIM_9DTB128) Block User Guide
V02
S12DTB128PIMV2/D
Byteflight (BF) Block User Guide
V01
S12BFV1/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com