Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 16Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 17Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 18Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 19Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 20Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 21Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 22Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 23Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
20
Freescale Semiconductor
NOTE:
1. ✓: Available for this device, ✕: Not available for this device.
2. 80 Pin bond-out for MC9S12DG128E, MC9S12DG128, MC9S12DJ128E, MC9S12DJ128, MC9S12A128, SC515847,
SC515848, SC101161DG, SC101161DJ, SC102203, and SC102204 is the same; MC9S12DB128, SC515846, and
SC102202 have a different bond-out.
3. Part numbers MC9S12DT128E, MC9S12DG128E, and MC9S12DJ128E are associated with the mask set 1L40K.
4. Part numbers SC515846, SC515847, SC515848, and SC515849 are associated with the mask set 4L40K.
5. Part numbers SC101161DT, SC101161DG, SC101161DJ are associated with the mask set 1L59W.
6. Part numbers SC102202, SC102203, SC102204, and SC102205 are associated with the mask set 5L40K which is not for
volume production.
The following figure provides an ordering number example for the MC9S12D128 devices.
Figure 0-1 Order Partnumber Example
The following items should be considered when using a derivative.
•
Registers
–
Do not write or read CAN0 registers (after reset: address range $0140 - $017F), if using a
derivative without CAN0 (see (Table 0-1) and (Table 0-2)).
–
Do not write or read CAN1 registers (after reset: address range $0180 - $01BF), if using a
derivative without CAN1 (see (Table 0-1) and (Table 0-2)).
–
Do not write or read CAN4 registers (after reset: address range $0280 - $02BF), if using a
derivative without CAN4 (see (Table 0-1) and (Table 0-2)).
–
Do not write or read BDLC registers (after reset: address range $00E8 - $00EF), if using a
derivative without BDLC (see (Table 0-1) and (Table 0-2)).
–
Do not write or read IIC registers (after reset: address range $00E0 - $00E7), if using a
derivative without IIC (see (Table 0-1) and (Table 0-2)).
Package Code
PV/PVE
FU
Mask set
3L40K, 0L94R,
4L40K4, 5L40K6,
2L94R
3L40K, 0L94R,
4L40K4, 5L40K6,
2L94R
Temp Options
M, V, C/M, V
M, V, C
AEC qualified
Yes
Yes
Notes
An errata exists
contact Sales Office
An errata exists
contact Sales Office
Modules
MC9S12DB128
SC5158464
SC1022026
MC9S12DB128
SC5158464
SC1022026
MC9S12 DJ128 C FU
Package Option
Temperature Option
Device Title
Controller Family
Temperature Options
C = -40˚C to
85˚C
V = -40˚C to 105˚C
M = -40˚C to 125˚C
Package Options
FU =
80QFP
PV = 112LQFP
PVE = lead-free 112LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com